|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: www.SunLED.com EMRC100M 8.89mmx8.89mm LED LIGHT BAR Features UNIFORM LIGHT EMITTING AREA. LOW CURRENT OPERATION. EASILY MOUNTED ON P.C. BOARDS. FLUSH MOUNTABLE. EXCELLENT ON/OFF CONTRAST. CAN BE USED WITH PANELS AND LEGEND MOUNTS. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg MR (GaAlAs) 5 30 155 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR MR (GaAlAs) 1.85 2.5 10 Unit V V uA P 660 nm D 640 nm 260C For 3~5 Seconds 20 nm C 45 pF Part Number Emitting Color Emitting Material Lens-color Luminous Intensity (IF=20mA) mcd min. typ. 198 Wavelength nm P EMRC100M Red GaAlAs White Diffused 50 660 Published Date : MAR 17,2008 Drawing No :SDSA3863 V3 Checked : Shin Chi P.1/4 Part Number: www.SunLED.com EMRC100M 8.89mmx8.89mm LED LIGHT BAR MR Published Date : MAR 17,2008 Drawing No :SDSA3863 V3 Checked : Shin Chi P.2/4 Part Number: www.SunLED.com EMRC100M 8.89mmx8.89mm LED LIGHT BAR Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : MAR 17,2008 Drawing No :SDSA3863 V3 Checked : Shin Chi P.3/4 Part Number: www.SunLED.com EMRC100M 8.89mmx8.89mm LED LIGHT BAR PACKING & LABEL SPECIFICATIONS EMRC100M Published Date : MAR 17,2008 Drawing No :SDSA3863 V3 Checked : Shin Chi P.4/4 |
Price & Availability of EMRC100M |